PART |
Description |
Maker |
PSX96B-133MQ160 PSX160-80PQ240 PSX160-66PQ240 PSX1 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220 Full-Pak package; Similar to IRLIB9343 with Lead Free Packaging User Programmable Special Function ASIC -150V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF6217 with Standard Packaging -30V P-Channel HEXFET Power MOSFET in a LeadFree SO-8 -package; A IRF7416QPBF with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7425 with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7425 with Lead-Free Packaging. -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR9343 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR9024N with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5505 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5305 with Lead Free Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a 4-Lead FlipFET package; A IRF6100 with Standard Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7207 with Lead Free Packaging 用户可编程ASIC的特殊功 -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF4905S with Standard Packaging 用户可编程ASIC的特殊功
|
ITT, Corp. Ironwood Electronics
|
IRFZ24L IRFZ24NS IRFZ24NSTRR IRFZ24NSTRL IRFZ24NL |
(159.21 k) 59.21十一 Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A) 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.07ohm,身份证\u003d 17A条) 55V,17A,N-Channel HEXFET Power MOSFET(55V,17A,N沟道 HEXFET功率MOS场效应管) 55V的,17A条,N沟道HEXFET功率MOSFET5V的,17A条,沟道的HEXFET功率马鞍山场效应管) 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFRU1205 IRFU1205 IRFR1205 IRFR1205TRR INTERNATIO |
(IRFR1205 / IRFU1205) Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=55V, Rds(on)=0.027ohm, Id=44A)
|
International Rectifier
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
IRF4905L IRF4905S IRF4B905L IRF4905STRL IRF4905STR |
Power MOSFET(Vdss=-55V, Rds(on)=0.02ohm, Id=-74A) 功率MOSFET(减振钢板基本\u003d- 55V的,的Rds(on)\u003d 0.02ohm,身份证\u003d- 74A条) Power MOSFET(Vdss=-55V/ Rds(on)=0.02ohm/ Id=-74A) -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package -55V Single P-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp.
|
IRLL024N IRLL024NPBF IRLL024NTR |
55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 4.4 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
IRF[International Rectifier]
|
PB-IRFZ24NL PB-IRFZ24NS |
Leaded 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package Leaded 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRLR4343 IRLU4343-701 IRLU4343 |
55V Single N-Channel HEXFET Power MOSFET in a D-Pak package 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package DIGITAL AUDIO MOSFET 数字音频MOSFET
|
IRF[International Rectifier] International Rectifier, Corp.
|
PT510 PT501 PT510A PT501C PT510C PT501A PT501B |
PHOTOTRANSISTOR | NPN | 800NM PEAK WAVELENGTH | CAN-4.7 光电晶体管|叩| 800NM峰值波长|的CAN - 4.7 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU2405 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL33N15D with Lead Free Packaging such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; A IRF6610 with Standard Tape and Reel 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF2805S with Standard Packaging TO-18 Type Narrow Acceptance Phototransistor
|
Sharp Electrionic Components
|
IRLR_U2905 U2905 IRLR2905 IRLR/U2905 IRLR2905PBF I |
HEXFET Power MOSFET HEXFET功率MOSFET HEXFET® Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFZ24N IRFZ24NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
|
IRF[International Rectifier]
|